Part Number Hot Search : 
BAT54CW 4C04W PM5363 MC2834 AN1723 MMBZ525 1N3040B HZS9C3
Product Description
Full Text Search
 

To Download DN6849SE Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Hall ICs
DN6849/SE/S
4.00.2 (1.0)
Wide operating temperature range (-40C to +100C) Alternating magnetic field operation
Overview
In each of Hall ICs, a Hall element, an amplifier circuit, a Schmidt circuit, a stabilized power supply, and a temperature compensation circuit are integrated on a single chip by IC technique. The Hall element output is amplified by the amplifier circuit, and converted into the corresponding digital signals through the Schmidt circuit so that TTL and MOS IC are directly drivable.
DN6849
4.50.2
Unit: mm
2.00.2 (1.0)
(5)
10.50.5
0.550.15
(1.0)
0.80.1
(0.7)
1.27 123
0.43 -0.05 5 2
+0.1
0.43 -0.05
+0.1
1 : VCC 2 : GND 3 : Output
SSIP003-P-0000A
Features
* High sensitivity and low drift * Stabilized temperature characteristics owing to additional integration of temperature compensation circuit. * Wide operating supply voltage range (VCC = 4.5 V to 16 V) * Alternating magnetic field operation * TTL and MOS IC are directly drivable by the output. * Open collector output
DN6849SE
4.520.3
Unit: mm
4.520.3 12.506.5
(0.72) (0.4) 1.540.1 1 : VCC 2 : GND 3 : Output
Applications
* Speed sensor, position sensor, rotation sensor, keyboard switch, micro switch and the like
0.40.1
1.27 123
SSIP003-P-0000C
(1.0)
0.550.15
(1.0)
Block Diagram (DN6849/SE/S)
DN6849S
1 4
Unit: mm
3.00.3 0.950.2
0.60.2
N.C. or GND
(2)
Power supply circuit and temperature compensation circuit
1
2
3
VCC
2
Hall element Amplifier Schmidt trigger Output stage
0.40.15
GND (4)
3.00.3 5.40.4
Note) The number in ( ) shows the pin number for the DN6849S.
ESOP004-P-0200 Note) The packages (SSIP003-P-0000A, SSIP003-P0000C and ESOP004-P-0200) of this product will be changed to lead-free type (SSIP003-P0000H, SSIP003-P-0000J and ESOP004-P0200A). See the new package dimensions section later of this datasheet.
0.2 -0.05 0.10.1
1 : VCC 2 : N.C. or GND 3 : Output 4 : GND
0.40.2
+0.15
1.50.3
3
Output
1.6
Publication date: November 2002
SPC00004CEB
1
DN6849/SE/S
Absolute Maximum Ratings
Parameter Supply voltage Supply current Circuit current Power dissipation Operating ambient temperature Storage temperature Symbol VCC ICC IO PD Topr Tstg Rating 18 8 20 150 -40 to +100 -55 to +125 Unit V mA mA mW C C
Note) This IC is not suitable for car electrical equipment.
Recommended Operating Range
Parameter Supply voltage Symbol VCC Range 4.5 to 16 Unit V
Electrical Characteristics at Ta = 25C
Parameter Operating magnetic flux density Symbol B1(L-H) B2(H-L) Hysteresis width Output voltage Output current Supply current BW VOL IOH ICC VCC = 12 V VCC = 12 V VCC = 12 V VCC = 4.5 V to 16 V, IO = 12 mA, B = 17.5 mT VCC = 4.5 V to 16 V, VO = 16 V, B = -17.5 mT VCC = 16 V VCC = 4.5 V Conditions Min -17.5 7 Typ -6 6 10 Max 17.5 0.4 10 6 5.5 Unit mT mT mT V A mA mA
Note) 1. The variation of operating magnetic flux density does not depend on supply voltage due to its built-in stabilized power source. (VCC should be confined to the range of 4.5 V to 16 V.) 2. A supply current increases by approximately 1 mA when its output level varies from high to low.
Technical Data
* Position of Hall element (unit: mm) A Hall element is placed on the shaded part in the figure. DN6849
1.0 1.75
DN6849SE
1. 0
1.0 1.63
DN6849S
1. 0
1.0
1.0
1.25 1.5
1.3
1.5
Distance from package surface to sensor part 0.7 0.42 0.65
2
SPC00004CEB
DN6849/SE/S
Technical Data (continued)
* Magneto-electro conversion characteristics
Output voltage VO
Marked face
BL-H
BH-L
Applying direction of magnetic flux
Magnetic flux density B
* Main characteristics Supply current Ambient temperature
8
Operating magnetic flux density Ambient temperature
VCC = 12 V
7
20
6
Operating magnetic flux density B (mT)
Supply current ICC (mA)
VCC = 16 V 5
10
B Sample 1 H-L
Sample 2 BH-L
Samp le 3 B H
4 VCC = 4.5 V 3
0
-L
Sample 1 B L-H
-10
Sample 2 BL-H
Sample 3B L-
2
H
1
-20
0
-50
-25
0
25
50
75
100
125
-50
-25
0
25
50
75
100
125
Ambient temperature Ta (C)
Ambient temperature Ta (C)
Operating magnetic flux density Supply voltage
Ta = 25C 20
Low-level output voltage Ambient temperature
100 90 80 70 60 50 40 30 20 VCC = 12 V IO = 12 mA
Operating magnetic flux density B (mT)
BH-L 10
0 BL-H
-10
-20
Low-level output voltage VOL (mV)
10 0 0 2 4 6 8 10 12 14 16 18 20
-50
-25
0
25
50
75
100
125
Supply voltage VCC (V)
Ambient temperature Ta (C)
SPC00004CEB
3
DN6849/SE/S
Caution on Use of Hall ICs
The Hall ICs are often used to detect movement. In such cases, the position of the Hall IC may be changed by exposition to shock or vibration over a long period of time, and it causes the detection level change. To prevent this, fix the package with adhesives or fix it on a dedicated case. 1. A case using an adhesive Some kinds of adhesive generate corrosive gas (such as chloric gas) during curing. This corrosive gas corrodes the aluminum on the surface of the Hall IC, and may cause a functional defect of disconnection. If Hall IC is to be sealed after installation, attention should be given to the adhesive or resin used for peripherals and substrate cleaner, as well as to the adhesive used for Hall IC installation. Please confirm the above matter to those manufacturers before using. We could not select the specified adhesive, for we find it difficult to guarantee the ingredient of each adhesive. 2. A case bending lead wire Wrong Correct Bend the lead wire without stressing the package.
Wrong Wrong Correct
(a) 3 mm *
Fixed
W
W
Fixed
W Fixed
Wrong Correct
Bending method of lead wire
(b)
3 mm * Bending position of lead wire *: The distance can be within 3 mm, if no stress is applied to the resin mold by tightly fixing the lead wires with a metallic mold or the like.
3. Power supply line/Power transmission line If a power supply line/power transmission line becomes longer, noise and/or oscillation may be found on the line. In this case, set the capacitor of 0.1 F to 10 F near the Hall IC to prevent it. If a voltage of 18 V or more is thought to be applied to the power supply line (flyback voltage from coil or the ignition pulse, etc.), avoid it with external components (capacitor, resistor, Zener diode, diode, surge absorbing elements, etc.). 4. On mounting of the surface mount type package (ESOP004-P-0200) Set pin 2 of the ESOP004-P-0200 package open, or connect it to GND. The IC will be damaged if it is connected to VCC . When mounted on the printed circuit board, the Hall IC may be highly stressed by the warp that may occur from the soldering. This may also cause a change in the operating magnetic flux density and a deterioration of its resistance to moisture.
Wrong Correct
5. VCC and GND Do not reverse VCC and GND. If the VCC and GND pins are reversely connected, this IC will be destroyed. If the IC GND-pin voltage is set higher than other pin voltage, the IC configuration will become the same as a forward biased diode. Therefore, it will turn on at the diode forward voltage (approximately 0.7 V), and a large current will flow through the IC, ending up in its destruction. (This is common to monolithic IC.) 6. Cautions on power-on of Hall IC When a Hall IC is turned on, the position of the magnet or looseness may change the output of a Hall IC, and a pulse may be generated. Therefore, care should be given whenever the output state of a Hall IC is critical when the supply power is on. 4
SPC00004CEB
DN6849/SE/S
Caution on Use of Hall ICs (continued)
7. Fixing a Hall IC When the Hall IC of an insertion type package installed by soldering the lead wire only is to be used under vibration, fix it firmly with a holder. Otherwise, vibration may cause metal fatigue in the lead wire of Hall IC, resulting in wire breakage. 8. On fixing a Hall IC to holder When a Hall IC is mounted on the printed circuit board with a holder and the coefficient of expansion of the holder is large, the lead wire of the Hall IC will be stretched and it may give a stress to the Hall IC. If the lead wire is stressed intensely due to the distortion of holder or board, the adhesives between the package and the lead wire may be weakened and cause a minute gap resulting in the deterioration of its resistance to moisture. Sensitivity may also be changed by this stress. 9. On using flux in soldering Choose a flux which does not include ingredients from halogen group, such as chlorine, fluorine, etc. The ingredients of halogen group may enter where the lead frame and package resin joint, causing corrosion and the disconnection of the aluminum wiring on the surface of an IC chip. 10. In case of the magnetic field of a magnet is too strong Output may be inverted when applying a magnetic flux density of 100 mT or more. Accordingly, magnetic flux density should be used within the range of 100 mT. 11. On mounting , deburring and soldering of insertion type package If the leads of a Hall IC in an insertion type package are inserted up to their root part through holes on the printed circuit board, abnormal stress is applied to the package and the reliability of the Hall IC is likely to deteriorate. So, when mounting each Hall IC of the insertion type, insert the leads in due degree at which the bottom face of the package is separated at least 2 mm from the top face of the PCB. Also note that burrs of epoxy resin may be left sticking to the lead wires. (We are trying to remove such burrs as
2 mm
When soldering the leads, remenber to separate the soldering position by 2 mm or more from the resin part of the package.
Remaining burrs
Printed board
much as possible in the deburring process, but in some cases, they are not perfectly removable.) 12. On surface treatment of mini-mold package Surface treatment is available in either smooth or dull finish. 13. On soldering of the surface mount type package Surface mounting type Hall ICs are apt to change its electrical characteristics due to the stress from soldering at mounting. Therefore, avoid the mounting by flow (dipping) and a soldering iron. Please mount it by reflow soldering abiding by its recommended conditions.
SPC00004CEB
5
DN6849/SE/S
New Package Dimensions (Unit: mm)
* SSIP003-P-0000H (Lead-free package)
4.500.20
(0.70)
2.000.20
(1.00)
0.550.15
(1.00)
(1.00)
1 1.27
3 0.400.10 1.27 0.40+0.10 -0.05
* SSIP003-P-0000J (Lead-free package)
4.520.20
1 1.27
3 0.400.10 1.27 (0.72) 0.40+0.10 -0.05 1.540.10
* ESOP004-P-0200A (Lead-free package)
3.000.20 4 3
12.500.65
0.550.15
(1.00)
(1.00)
4.520.20
10.500.50
4.000.20
(1.20)
3.000.20 5.400.40 0.15+0.10 -0.05
0.400.15
1 (0.70) 1.60
2 0.600.20
0.100.10 1.500.20
Seating plane
Seating plane
6
SPC00004CEB
Request for your special attention and precautions in using the technical information and semiconductors described in this material
(1) An export permit needs to be obtained from the competent authorities of the Japanese Government if any of the products or technologies described in this material and controlled under the "Foreign Exchange and Foreign Trade Law" is to be exported or taken out of Japan. (2) The technical information described in this material is limited to showing representative characteristics and applied circuits examples of the products. It neither warrants non-infringement of intellectual property right or any other rights owned by our company or a third party, nor grants any license. (3) We are not liable for the infringement of rights owned by a third party arising out of the use of the product or technologies as described in this material. (4) The products described in this material are intended to be used for standard applications or general electronic equipment (such as office equipment, communications equipment, measuring instruments and household appliances). Consult our sales staff in advance for information on the following applications: * Special applications (such as for airplanes, aerospace, automobiles, traffic control equipment, combustion equipment, life support systems and safety devices) in which exceptional quality and reliability are required, or if the failure or malfunction of the products may directly jeopardize life or harm the human body. * Any applications other than the standard applications intended. (5) The products and product specifications described in this material are subject to change without notice for modification and/or improvement. At the final stage of your design, purchasing, or use of the products, therefore, ask for the most up-to-date Product Standards in advance to make sure that the latest specifications satisfy your requirements. (6) When designing your equipment, comply with the guaranteed values, in particular those of maximum rating, the range of operating power supply voltage, and heat radiation characteristics. Otherwise, we will not be liable for any defect which may arise later in your equipment. Even when the products are used within the guaranteed values, take into the consideration of incidence of break down and failure mode, possible to occur to semiconductor products. Measures on the systems such as redundant design, arresting the spread of fire or preventing glitch are recommended in order to prevent physical injury, fire, social damages, for example, by using the products. (7) When using products for which damp-proof packing is required, observe the conditions (including shelf life and amount of time let standing of unsealed items) agreed upon when specification sheets are individually exchanged. (8) This material may be not reprinted or reproduced whether wholly or partially, without the prior written permission of Matsushita Electric Industrial Co., Ltd.
2002 JUL


▲Up To Search▲   

 
Price & Availability of DN6849SE

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X